|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0447692003 Active microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0, BMITM Receptacle Header, Dual Row, Vertical, with Press-fit Plastic Pegs, 0.8m (30") Gold (Au) Selective, 20 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-44300-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV UL General Product Family Series Application Overview Product Literature Order No Product Name PCB Receptacles 44769 Board-to-Board, Wire-to-Board microfit_30 USA-106 Micro-Fit 3.0 BMITM Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 20 Black 30 94V-0 No Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical Yes Yes 0.062 In 1.60 mm Tray 0.118 In 3.00 mm 30 0.75 100 2.5 Yes No -40C to +105C Through Hole Search Parts in this Series 44769Series Mates With 44428 , 44300 , 44432 Electrical Current - Maximum per Contact Voltage - Maximum 5A 250V Solder Process Data Duration at Max. Process Temperature (seconds) 5 Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C Wave Capable (TH only) 1 260 Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-44769-001 PS-44300-001, RPS-44300-001 SD-44769-001 This document was generated on 05/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0447692003 |